Part Number Hot Search : 
MM5Z27V MC74LV 7805B 6A375 CR6729A TC7SZ0 FDB7045L SMAC25
Product Description
Full Text Search
 

To Download SB060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb120 thru sb160 vishay semiconductors formerly general semiconductor document number 88715 www.vishay.com 11-feb-02 1 schottky barrier rectifier reverse voltage 20 to 60v forward current 1.0a maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol sb120 sb130 sb140 sb150 sb160 unit maximum repetitive peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum average forward rectified current i f(av) 1.0 a at 0.375 (9.5mm) lead length (see fig. 1) peak forward surge current 8.3ms single half sine-wave i fsm 40 a superimposed on rated load (jedec method) typical thermal resistance (1) r ja 50 r jl 15 ?/w operating junction temperature range t j 65 to +125 65 to +150 ? storage temperature range t stg 65 to +150 ? electrical characteristics (t a = 25? unless otherwise noted) maximum instantaneous v f 0.50 0.70 v forward voltage at 1.0a (2) maximum instantaneous reverse current t a = 25? i r 0.5 ma at rated dc blocking voltage (2) t a = 100? 10 5.0 notes: (1) thermal resistance junction to lead p.c.b. mounted 0.375 (9.5mm) lead length (2) pulse test: 300 s pulse width, 1% duty cycle features ?plastic package has underwriters laboratory flammability classification 94v-0 ?low power loss, high efficiency ?for use in low voltage high frequency inverters, free wheeling, and polarity protection applications ?guardring for overvoltage protection mechanical data case: jedec do-204al molded plastic body terminals: plated axial leads, solderable per mil-std-750, method 2026 high temperature soldering guaranteed: 250?/10 seconds 0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension polarity: color band denotes cathode end mounting position: any weight: 0.012 ounce, 0.34 gram 0.107 (2.7) 0.080 (2.0) 0.034 (0.86) 0.028 (0.71) dia. 1.0 (25.4) min. 1.0 (25.4) min. 0.205 (5.2) 0.160 (4.1) dia. dimensions in inches and (millimeters) do-204al (do-41) dimensions in inches and (millimeters)
sb120 thru sb160 vishay semiconductors formerly general semiconductor www.vishay.com document number 88715 2 11-feb-02 ratings and characteristic curves (t a = 25 c unless otherwise noted) instantaneous forward current (a) 50 10 instantaneous reverse current (ma) 1.0 0.1 0.01 fig. 1 - forward current derating curve 0 0.25 0.5 0.75 0 50 75 25 100 125 150 175 1.0 average forward current (a) peak forward surge current (a) number of cycles at 60 h z fig. 2 - maximum non-repetitive peak forward surge current 0 10 30 20 50 40 110 100 t j = t j max. 8.3ms single half sine-wave (jedec method) lead temperature ( c) fig. 3 - typical instantaneous forward characteristics 1.0 10 100 0.01 0.001 0.1 t j = 125 c resistive or inductive load 0.375" (9.5mm) lead length transient thermal impedance ( c/w) 0.01 110 100 10 100 0.1 0.1 1 pulse duration (sec.) t j = 125 c fig. 5 - typical junction capacitance junction capacitance (pf) 110 100 100 400 10 0.1 reverse voltage (v) t j = 25 c f = 1.0 mh z v sig = 50mvp-p instantaneous forward voltage (v) 0 0.4 0.2 1.2 0.8 0.6 1.4 1.6 1.0 pulse width = 300 s 1% duty cycle 0 20 100 40 60 80 fig. 6 - typical transient thermal impedance percent of rated peak reverse voltage (%) sb120 sb140 sb150 & sb160 t j = 25 c t j = 150 c sb120 sb140 sb150 & sb160 sb120 sb140 sb150 & sb160 t j = 75 c t j = 25 c sb120 sb140 sb150 & sb160 fig. 4 - typical reverse characteristics


▲Up To Search▲   

 
Price & Availability of SB060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X